|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Darlington 2SD2014 sElectrical Characteristics Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) VBE(sat) fT COB Conditions VCB=120V VEB=6V IC=10mA VCE=2V, IC=3A IC=3A, IB=3mA IC=3A, IB=3mA VCE=12V, IE=-0.1A VCB=10V, f=1MHz 2SD2014 10max 10max 80min 2000min 1.5max 2.0max 75typ 45typ V V 13.0min Equivalent circuit B C (3k) (200) E Silicon NPN Triple Diffused Planar Transistor (Complement to type 2SB1257) sAbsolute maximum ratings (Ta=25C) Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SD2014 120 80 6 4 0.5 25(Tc=25C) 150 -55 to +150 Unit V V V A A W C C Application : Driver for Solenoid, Relay and Motor, Series Regulator, and General Purpose (Ta=25C) Unit External Dimensions FM20(TO220F) 4.00.2 10.10.2 4.20.2 2.8 c0.5 A V 16.90.3 8.40.2 mA MHz pF 1.350.15 1.350.15 0.85 +0.2 -0.1 0.45 +0.2 -0.1 2.54 2.20.2 2.40.2 sTypical Switching Characteristics (Common Emitter) VCC (V) 30 RL () 10 IC (A) 3 VBB1 (V) 10 VBB2 (V) -5 IB1 (mA) 10 IB2 (mA) -10 ton (s) 1.0typ tstg (s) 4.0typ tf (s) 1.5typ 2.54 3.9 BCE IC - VCE Characteristics (Typical) m 1.0 A 0 .8 m A VCE( sat ) - I B Characteristics (Typical) Collector-Emitter Saturation Voltage V C E (s at)( V ) 3 I C - V BE Temperature Characteristics (Typical) (V CE= 4V) 4 4 0m A IB =2 Collector Current I C (A) 0. 5m A 2 Collector Current I C( A) 3 0 .6 m A 3 p) 0.2 0.80.2 a b o3.30.2 Weight : Approx 2.0g a. Type No. b. Lot No. p) ase Tem 25C (C 2A 1 3A (Cas IC= 4A 1 0.3mA 1 0 0 1 2 3 4 0 0.2 1 5 10 50 100 0 0 125C 1A 1 Base-Emittor Voltage V B E( V) -30C (C ase Tem 2 2 e Tem 0. 4m A p) 2 Collector-Emitter Voltage V C E( V) Base Current I B( mA) hFE - IC Characteristics (Typical) (VCE=4V) 20000 10000 DC Curr ent Gain h FE 5000 DC C urrent G ain h FE h FE - I C Temperature Characteristics (Typical) (V C E= 4V) 20000 10000 5000 125 C j- a( C/W) j-a - t Characteristics 5 Typ 1000 500 1000 500 C 25 0C -3 Transient Thermal Resistance 1 100 50 30 0.03 0.1 0.5 1 4 100 50 30 0.03 0.1 0.5 1 4 0.5 1 5 10 50 Time t(ms) 100 500 1000 Collector Current I C( A) Collector Current I C (A) f T - IE Characteristics (Typical) (VCE=10V) 120 10 5 Safe Operating Area (Single Pulse) 25 10 0m s P c - T a Derating Natural Cooling Silicone Grease Heatsink: Aluminum in mm 1m m s 30 100 Cut -off Fre quen cy f T( MH Z) Collector Cur rent I C( A) M aximu m Power Dissipa tion P C (W) 10 s 0 s 20 DC 80 W ith In Typ 60 1 0.5 150x150x2 1 00x1 0 10 0x fin ite he 2 at si nk 40 Without Heatsink Natural Cooling 0.1 0.05 50x50x2 20 Without Heatsink 2 0 0 -0.02 -0.05 -0.1 -0.5 -1 -4 3 5 10 50 100 0 25 50 75 100 125 150 Emitter Current I E( A) Collector-Emitter Voltage V C E( V) Ambient Temperature Ta(C) 139 |
Price & Availability of 2SD2014 |